PART |
Description |
Maker |
FSUSB30UMX12 FSUSB30MUX12 FSUSB30BQX12 |
Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
|
Fairchild Semiconductor
|
FSUSB31 FSUSB31UMX FSUSB3108 FSUSB31K8X FSUSB31L8X |
Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
|
Fairchild Semiconductor
|
FSUSB30MUX FSUSB30UMX FSUSB3008 FSUSB30 FSUSB30BQX |
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch 2-CHANNEL, DBL POLE DBL THROW SWITCH, QCC10 Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch 2-CHANNEL, DBL POLE DBL THROW SWITCH, PDSO10 Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
|
Fairchild Semiconductor, Corp.
|
PI3USB32 |
High-Speed USB 2.0 (480 Mbps) 1-Port Switch with Full Power Down Feature
|
Pericom Semiconductor C...
|
FT312D FT312D-32L1C FT312D-32Q1C FT312D-32Q1C-R FT |
The FT312D is a USB 2.0 Full Speed host IC specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port. USB Android Host IC
|
Future Technology Devic...
|
IDT7140LA25L48GB IDT7130LA25L48GB IDT7140SA25L48GB |
HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, PDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, QCC48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM 1K X 8 DUAL-PORT SRAM, 25 ns, QCC48
|
Integrated Device Technology, Inc.
|
JMB352U |
High-Speed USB & SATA II Combo to Dual SATA II Port Multiplier(1 to 2) Bridge
|
JMicron
|
DG2720 DG2720DN-T1-E4 |
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
|
Vishay Siliconix
|
IDT70V9269L12PRF IDT70V9269L12PRFI IDT70V9279S9PRF |
32K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through From old datasheet system Small Signal Diode HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 12 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP128 HIGH-SPEED 3.3V 32K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 高.3 32K的16 SYNCHRONOU S双,端口静态内
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT70T659S8BF IDT70T659S8BC IDT70T659S8BFI IDT70T6 |
High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 10ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 8ns High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 15ns JFET-Input Operational Amplifier 14-SOIC -40 to 85 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 10 ns, PQFP208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 高.5V56/128K.3V 5011 2.5V的接口36 ASYNCHRONO美国双端口静RAM HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 High-speed 2.5V 128 x 36 asynchronous dual-port static RAM, 12ns
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
CY7C6801302 CY7C68013-56LFC CY7C68013-100AC CY7C68 |
EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor
|
CY7C68013A08 CY7C68013A-100AXI CY7C68013A-128AXI C |
EZ-USB FX2LP垄芒 USB Microcontroller High-Speed USB Peripheral Controller EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller EZ-USB FX2LP?/a> USB Microcontroller High-Speed USB Peripheral Controller
|
Cypress Semiconductor
|